Part Number Hot Search : 
C2501 SA121 XR1488 H273J 74LVC2G0 2SC33 08M98RPB 29DL163
Product Description
Full Text Search
 

To Download CB30220807 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? magnum wire management products power distribution blocks base & rail mount euro-mag series single & double row connectors pcb spring clamp filtered connectors series a3000, lp3000 & cb3000 single row terminal blocks specifications rating : a3: 30a, 600v* #12-22 awg lp3: 30a, 150v #12-22 awg cb3: 30a, 600v #12-22 awg wire range : #12-22 awg cu center spacing : .437 or 7/16 (11.10 mm) screw size : #6-32 zinc plated philslot screws. torque rating : 9 in-lb. base : standoffs standard for easy flux washing. distance between barriers : .32 (8.1 mm) recommended pcb hole diameter : .076 (1.93 mm) operating temperature : 105 c (221 f) max., -40 c (-40 f) min. molded material : black, ul rated 94v0 thermoplastic breakdown voltage : 3500v (a3 & lp3); 8200v (cb3) agency information : ul/csa; iec compliance, ce certified *30a rating achieved with a #10 copper wire crimped to a ring terminal; 20 rating without ring terminal. mounting barrier & barrier ends mounting ends only ends only ac bc poles mount ctrs. length pole ctrs. length 02 1.31 1.73 .43 .98 03 1.75 2.17 .87 1.43 04 2.18 2.61 1.31 1.87 05 2.62 3.05 1.75 2.31 06 3.06 3.48 2.18 2.75 07 3.50 3.92 2.62 3.18 08 3.93 4.36 3.06 3.62 09 4.37 4.80 3.50 4.06 10 4.81 5.23 3.93 4.50 11 5.25 5.67 4.37 4.93 12 5.68 6.11 4.81 5.37 13 6.12 6.55 5.25 5.81 14 6.56 6.98 5.68 6.25 15 7.00 7.42 6.12 6.68 16 7.43 7.86 6.56 7.12 17 7.87 8.30 7.00 7.56 18 8.31 8.73 7.43 8.00 19 8.75 9.17 7.87 8.43 20 9.18 9.60 8.31 8.87 21 9.62 10.05 8.50 9.31 22 10.06 10.48 9.18 9.75 23 10.50 10.92 9.62 10.18 24 10.93 11.36 10.06 10.62 25 11.37 11.80 10.50 11.06 26 11.81 12.23 10.93 11.50 27 11.37 11.93 28 11.81 12.37 a mount centers b pole centers c .65 (16.5) .565 (19.3) .76 (14.35) .437 (11.10) mount end barrier end mount end barrier end .40 (10.2) .15 (3.8) dia. .02 (.5) a3000 & lp3000 series dimensions in inches. to convert to millimeters, multiply by 25.4. .19 (4.8) dia. .70 (17.8) .437 (11.10) c mount end barrier end a mount centers b pole centers mount end barrier end .61 (15.5) .02 (.5) .32 (8.1) cb3000 series a31940707wr lp301105 cb31420807 12
single & double row euro-mag series base & rail mount power distribution blocks wire management products filtered connectors pcb spring clamp connectors .55 (14.0) .1 (2 .031 (.79) .20 (5.1) .06 (1.5 .031 (.79) .55 (14.0) .06 (1.5 .031 (.79) 01 handwired 04 wire wrap tail 03 non feed-thru 02 printed circuit 07wr wire ready (a3 only) 04 brass nickel plated 03 stainless steel 07 steel sems zinc plated .82 (20.8) .06 (1.5 .031 (.79) 07 extended pin .1 (2.7 .031 (.79) .30 (7.6) 06 handwired screw options terminal styles inches (millimeters) .062 (1.57) .17 (4.3) .031 (.79) .42 (10.7) .1 (4. .031 (.79) .40 (10.2) .2 (6. .031 (.79) 08 printed circuit 10 .187 qc 09 .250 qc short .72 (18.3) .31 (7.9) .41 (10.4) .33 (8.4) .250 (6.35) .031 (.79) 19 .250 qc long .062 (1.57 .031 (.79) .125 (3.2) 14 printed circuit series a3000 & lp3000 single row terminal blocks part numbering system series terminal style base/end poles screw options options (views pg. 15) a3 - standard barrier 01 - handwired 1 - flat base/mnt. end 02 to 28 blank - std. screw ab - angle mnt. options (pg 15) lp3 - low profile 02 - printed circuit 2 - flat base/barrier end 02 to 26 on mount 00 - screws shipped bulk a1 to a9 - .250 qc barrier 03 - non feed-thru 3 - insulator base/ end base 03 - stainless steel b1 to b9 - .187 qc 04 - wire wrap tail mnt. end 04 - brass nickel plated dr - drilled right angle (pg 15) 05 - extended 4 - insulator base/ 07 - steel sems j201 - flat slip-on jumper handwired barrier end zinc plated l1 to l6 marking options (pg 22) 06 - handwired 5 - closed base/ (not available with mp, mp8 & mt mounting plates (pg 15) 07 - extended pin mount end hardware options ) oj3, oj5 & oj7 - over barrier jumpers 08 - printed circuit 09 - brass sems rc - retaining clips (pg 15) 09 - .250 qc short nickel plated r30 to r77 - right angle bends (pg 15) 10 - .187 qc (not available with so - stand off insulators (pg 15) 14 - printed circuit hardware options ) s1 - solder lug/flat 19 - .250 qc long 03ca - stainless steel captive 04ca - brass captive covers - (pg 23) 07ca - sems captive 09ca - brass sems captive 07wr - steel sems wire ready (a3 only) a 3 lp3 09 brass sems nickel plated standard zinc plated steel .66 (16.8) .11 (2.7 .031 (.79) 05 extended handwired base/end note: 5 style only available with 03 terminals. 13
14 ? magnum wire management products power distribution blocks base & rail mount euro-mag series single & double row connectors pcb spring clamp filtered connectors hardware options (bulk ordering part numbers are in parentheses.) inches (millimeters) solder lugs jumpers quick connects blade width a = .250 blade width b = .187 a1 & b1 (2a1 & 2b1) a2 & b2 (2a2 & 2b2) a3 & b3 (2a3 & 2b3) a9 & b9 (2a9 & 2b9) a4 & b4 (2a4 & 2b4) a5 & b5 (2a5 & 2b5) a6 & b6 (2a6 & 2b6) a7 & b7 (2a7 & 2b7) a8 & b8 (2a8 & 2b8) oj7 lp3 only oj5 oj3 1, 3 & 5 mount end .68 (17.3) .84 (21.2) s1 (2s1) b .150 dia. (3.8) mounting holes (2) .095 (2.4) section b ? b .40 (10.2) b j201 flat slip-on base/end options series a3000 & lp3000 single row terminal blocks continued
15 single & double row euro-mag series base & rail mount power distribution blocks wire management products filtered connectors pcb spring clamp connectors mounting plate mp mp8 mt series a3000 & lp3000 single row terminal blocks continued .144 hole w/.312 c' bore .437 .24 options mp, mp8 & mt mp metal inserts with .150 dia. hole accept #6 screw. mp8 metal inserts with .187 dia. hole accept #8-32 screw. mt metal inserts with tapped hole accept #6-32 screw. option dr counterbored holes across mount ends of block enable fastening with two screws at right angles to normal mount position. drilled right angle (a3, lp3 only) mounting plates standoff .300 option so standoff mounts are tubes molded to the mounting positions. available with insulator bases only. retaining clip standoffs retaining clip option rc use on standoff tubes. fit panels up to .125 thick. two clips for every five positions. supplied unassembled. bulk part no. h541 . mounting options option ab angle brackets enable block to be fastened at right angles to normal mount position. bulk part no. 2ab . angle brackets (a3, lp3 only) right angle bends (a3, lp3 only) right angle terminals are offered on the a3000 & lp3000 series. configurations are defined in these dimensions: x = pin extension beyond the block base; z = length from block base to centerline of the terminal tip. standard bends consist of the x and z dimensions shown in the chart. specify by adding the selected bend option code to the terminal part no. x z .82 x z .55 07 terminal bend configurations 04 terminal bend configurations bend available option x z w/insulator code (minimum) base r30 -.04 .28 no r35 .01 .23 no r36 .02 .22 no r39 .05 .19 no r42 .08 .16 no r46 .12 .12 no r48 .14 .10 no r50 .16 .08 no bend available option x z w/insulator code (minimum) base r30 -.04 .55 yes r35 .01 .50 yes r36 .02 .49 yes r50 .16 .35 no r53 .19 .32 no r66 .32 .19 no r69 .35 .16 no r75 .41 .10 no r77 .43 .08 no dimensions in inches. to convert to millimeters, multiply by 25.4. .32 .45 .15 .25 .04
16 ? magnum wire management products power distribution blocks base & rail mount euro-mag series single & double row connectors pcb spring clamp filtered connectors part numbering system 07 steel sems zinc plated screw options series cb3000 single row terminal blocks series terminal style base/end poles screws options cb3 - closed back 01 - handwired #6-32 screw 1 - mount end 02 to 28 07 - steel sems ab - angle mounting brackets (pg 17) 02 - printed circuit #6-32 screw 2 - barrier end 02 to 26 on mount 09 - brass sems a7 to a9 - .250 qc 03 - non feed-thru #6-32 screw 5 - closed base/ end base nickel plated b7 to b9 - .187 qc 07 - extended pin #6-32 screw mount end 07ca - sems captive eb - exit back terminals 14 - printed circuit #6-32 screw l1 to l6 marking options (pg 22) 51 - handwired #8-32* lt 1 to lt 6 marking options (pg 22) 52 - printed circuit #8-32* oj3 & oj7 - over barrier jumpers 53 - non feed-thru #8-32* mp, mp8, mt & mt8 mtg. plates (pg 17) 57 - extended pin #8-32* s1 - solder lug/flat 64 - printed circuit #8-32* covers - (pg 23) exit rear (std.) eb exit back cb3 t erminal exit options inches (millimeters) cb3 09 brass sems nickel plated .19 (4.8) .045 (1.14) .031 (.79) .18 (4.6) 02 printed circuit #6-32 screw 52 #8-32 screw 03 non feed-thru #6-32 screw 53 #8-32 screw available on mount end (5) only. .40 (10.2) .12 (3.05) .03 (.79 .18 (4.6) .125 (3.18) .045 (1.14) .0 (.7 .18 (4.6) 14 printed circuit #6-32 screw 64 #8-32 screw .70 (17.8) .062 (1.57) .03 (.7 .18 (4.6) 07 extended pin #6-32 screw 57 #8-32 screw terminal styles inches (millimeters) 01 handwired #6-32 screw 51 #8-32 screw base/end note: 5 style only available with 03 terminals. .26 (6.60) y .18 (4.6) x * note: wire ready screws standard on all terminal styles. *note: #8-32 screw is a special with #6-32 head.
17 single & double row euro-mag series base & rail mount power distribution blocks wire management products filtered connectors pcb spring clamp connectors hardware options (bulk ordering part numbers are in parentheses.) inches (millimeters) solder lugs jumpers quick connects blade width a = .250 . blade width b = .187 . .68 (17.3) .84 (21.2) s1 (2s1) oj7 oj3 a9 & b9 (2a9 & 2b9) a7 & b7 (2a7 & 2b7) a8 & b8 (2a8 & 2b8) right angle mounting bracket mounts blocks on pc boards at a right angle. protects solder joints. recommended for all eb (exit back) pcb terminal blocks. bracket snaps securely on block (no hardware required). minimum strip length (end positions are usable). mount with #6-32 or #8-32 screws (not supplied). mounting options inches (millimeters) end positions usable angle bracket snap-in angle bracket chassis or pcb a a #6 or #8 mounting screw & nut (customer supplied.) .71 (18.0) .45 (11.4) .79 (20.1) 1.02 (25.8) .24 (6.1) .42 (10.7) option ab exit back ( eb ) terminals series cb3000 single row terminal blocks mounting plate mp mp8 mt mt8 options mp, mp8, mt & mt8 mp metal inserts with .150 dia. hole accept #6 screw. mp8 metal inserts with .187 dia. hole accept #8-32 screw. mt metal inserts with tapped hole accept #6-32 screw. mt8 metal inserts with tapped hole accept #8-32 screw. mounting plates j201 flat slip-on


▲Up To Search▲   

 
Price & Availability of CB30220807

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X